Part Number Hot Search : 
BYT01400 MOC3022 UE200013 300B1 ZL50060 LT302212 MTB20HA 570SC
Product Description
Full Text Search
 

To Download APT30D40H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
2
1 - Cathode 2 - Anode Case Isolated
APT30D40H
1 2
400V
30A
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-258 Package * Low Forward Voltage
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
* Low Leakage Current
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage
A
All Ratings: TC = 25C unless otherwise specified.
APT30D40H UNIT
IM
IN
RY
* High Blocking Voltage
Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
400
Volts
Maximum Average Forward Current (TC = 105C, Duty Cycle = 0.5) RMS Forward Current
EL
30 70 320 -55 to 150 300
C Amps
Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec.
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Maximum Forward Voltage IF = 60A IF = 30A, TJ = 150C IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C Junction Capacitance, VR = 200V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
PR
Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms)
MIN
TYP
MAX
UNIT
1.75 2.0 1.53 250 500 52 10
pF nH
053-4017 Rev -
Volts
A
USA
405 S.W. Columbia Street
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 30A, diF /dt = -240A/s, VR = 240V Forward Recovery Time IF = 30A, diF /dt = 240A/s, VR = 240V Reverse Recovery Current IF = 30A, diF /dt = -240A/s, VR = 240V Recovery Charge IF = 30A, diF /dt = -240A/s, VR = 240V Forward Recovery Voltage IF = 30A, diF /dt = 240A/s, VR = 240V Rate of Fall of Recovery Current TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C MIN TYP
APT30D40H
MAX UNIT
45 45 70 150 150 6 10 135
65
ns
10
Amps
18
nC
RY
MIN
17.65 (.695) 17.39 (.685)
TJ = 25C
TJ = 100C TJ = 25C
350 3.2
Volts
A IN
TJ = 100C TJ = 25C TJ = 100C
3.2 500
A/s
IF = 30A, diF /dt = -240A/s, VR = 240V (See Figure 10)
500
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA WT Characteristic / Test Conditions
EL
IM
TYP
MAX
UNIT C/W oz gm lb*in
Junction-to-Case Thermal Resistance
0.90 40 0.22 6.1
Package Weight
Torque
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine) N*m
PR
1.14 (.045) 0.88 (.035)
Junction-to-Ambient Thermal Resistance
TO-258 Package Outline
8.89 (.350) 8.63 (.340)
4.19 (.165) 3.94 (.155) 21.21 (.835) 20.70 (.815) 13.84 (.545) 13.58 (.535) 17.96 (.707) 17.70 (.697)
Drain
19.05 (0.750) 12.70 (0.500)
Source Gate
053-4017 Rev -
3.56 (.140) BSC 6.86 (.270) 6.09 (.240)
1.65 (.065) Dia. Typ. 1.39 (.055) 3 Leads 5.08 (.200) BSC
Dimensions in Millimeters and (Inches)


▲Up To Search▲   

 
Price & Availability of APT30D40H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X